Part Number Hot Search : 
20600 TZMB12 R5D10 R5D10 L78L00 NBSG86A BAS31 NBSG86A
Product Description
Full Text Search
 

To Download CMBT3904E10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMBT3904E NPN CMBT3906E PNP ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMBT3904E (NPN) and CMBT3906E (PNP) are general purpose transistors with enhanced specifications. These devices are ideal for applications where ultra small size and power dissipation are the prime requirements. Packaged in the FEMTOminiTM SOT-923 package, these transistors provide performance characteristics suitable for the most demanding size constrained applications. MARKING CODES: CMBT3904E: B CMBT3906E: G APPLICATIONS * DC / DC Converters * Voltage Clamping * Protection Circuits * Battery powered applications including: Cell Phones, Digital Cameras, Pagers, PDAs, Laptop Computers, etc.
SYMBOL VCBO VCEO VEBO IC PD TJ, Tstg JA 60 40 6.0 200 100 -65 to +150 1250 UNITS V V V mA mW C C/W
SOT-923 CASE FEATURES * Very Small Package Size * 200mA Collector Current * Low VCE(SAT) (0.1V Typ @ 50mA) * Miniature 0.8 x 0.6 x 0.4mm Ultra Low height profile FEMTOminiTM Surface Mount Package
Collector-Base Voltage Emitter-Base Voltage
MAXIMUM RATINGS: (TA=25C) Collector-Emitter Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL ICEV BVCEO TEST CONDITIONS VCE=30V, VEB=3.0V IC=10A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA 0.650 MIN 60 40 6.0
NPN TYP 115 60 7.5 0.057 0.100 0.750 0.850
PNP TYP 90 55 7.9 0.050 0.100 0.750 0.850
MAX 50
UNITS nA V V V
BVCBO
BVEBO VCE(SAT) VCE(SAT)
VBE(SAT) VBE(SAT)
0.100 0.200 0.850 0.950
V V V V
Enhanced specification.
R1 (8-January 2010)
CMBT3904E NPN CMBT3906E PNP ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS - Continued: SYMBOL TEST CONDITIONS NPN TYP 130 150 150 120 55 MHz 4.0 8.0 1.0 0.1 100 1.0 12 10 400 60 4.0 35 35 200 50 S dB ns ns ns ns pF pF k X10-4 300 PNP MAX
MIN 90 100 100 70 30 300
TYP 240 235 215 110 50
UNITS
hFE hFE hFE
hFE fT Cob Cib hie hre hfe hoe NF td tr ts tf hFE
VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA VCE=1.0V, IC=100mA VCE=20V, IC=10mA, f=100MHz VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, VCE=10V, IC=1.0mA, f=1.0kHz IC=1.0mA, f=1.0kHz
VCE=5.0V, IC=100A, RS =1.0k, f=10Hz to 15.7kHz VCC=3.0V, VBE=0.5V, VCC=3.0V, VBE=0.5V, IC=10mA, IC=10mA, IB1=1.0mA IB1=1.0mA
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
Enhanced specification.
SOT-923 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODES: CMBT3904E: B CMBT3906E: G
R1 (8-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMBT3904E10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X